Part Number Hot Search : 
05SH4 3843AM 2005G 1500B SF10G41 UPA0J562 MA310 ML12513
Product Description
Full Text Search
 

To Download TP2L1209S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tp2l s eries www.gztoppower.com tel:0086-2082019000 e mail:sales2@gztoppower.com page 1 / 3 description: tp2l series are a range of isolated 2 watt converte rs in a sip package, 2:1 wide input range and tightly regulated output voltage qualifies these co nverters for many cost critical applications in industrial and consumer electronics. operating temp erature ranges from -40 to 85 , the internal smd construction makes it possible to offe r a product with high performance at low cost. 2w isolated wide input single output dc/dc converte rs features rohs compliant 2:1 wide range voltage input continuous short circuit protection operating temperature: -40 to 85 low regulation 1kvdc isolation/3kvdc isolation efficiency up to 83% power density 0.91w/cm 3 input voltage: 5v, 12v, 24v, 48v output voltage: 3.3v, 5v, 9v, 12v, 15v low noise external control selection guide part number input voltage rated output voltage output current efficiency voltage(vdc) min. load full load rated range values (v) ma ma % tp2l0503s 5 (2:1) 4.5-9 3.3 150 600 65 tp2l0505s 5 (2:1) 4.5-9 5 100 400 65 tp2l0509s 5 (2:1) 4.5-9 9 56 220 70 tp2l0512s 5 (2:1) 4.5-9 12 43 168 70 tp2l0515s 5 (2:1) 4.5-9 15 33 134 74 tp2l1205s 12 (2:1) 9-18 5 100 400 74 TP2L1209S 12 (2:1) 9-18 9 56 220 78 tp2l1212s 12 (2:1) 9-18 12 43 168 80 tp2l1215s 12 (2:1) 9-18 15 33 134 81 tp2l2405s 24 (2:1) 18-36 5 100 400 75 tp2l2409s 24 (2:1) 18-36 9 56 220 80 tp2l2412s 24 (2:1) 18-36 12 43 168 83 tp2l2415s 24 (2:1) 18-36 15 33 134 83 tp2l4805s 48 (2:1) 36-72 5 100 400 73 tp2l4809s 48 (2:1) 36-72 9 56 220 80 tp2l4812s 48 (2:1) 36-72 12 43 168 80 tp2l4815s 48 (2:1) 36-72 15 33 134 81 general characteristics parameter conditions min. typ. max. units control pin (ctrl) input current please refer to control pin application note 6 10 15 ma switching frequency max. rated load to min. rated load, vin min. to vin . max. 90 610 khz input characteristics parameter conditions min. typ. max. units input voltage range 5v input voltage 4.5 5 9 vdc input voltage range 12v input voltage 9 12 18 vdc input voltage range 24v input voltage 18 24 36 vdc input voltage range 48v input voltage 36 48 72 vdc
tp2l s eries www.gztoppower.com tel:0086-2082019000 e mail:sales2@gztoppower.com page 2 / 3 all specifications typical at ta=25 c, nominal input voltage and rated output current u nless otherwise specified. application notes external capacitance these converters will work without external capacit ors, in order to guarantee the full parametric performance over the full line and load range we recommended you to use the value we listed at right side. all parts have been tested and characterized using the following values and test circuit. value input volatage v) cin cout 5&12 100uf,25v 100uf,25v 24&48 10uf,200v 100uf,25v test circuit pin 8 ( cs) this pin provides a connection point to the main in ternal reservoir capacitor. additional capacitance can be added between pin8 and pin 7. any lower esr capacitor will remove ripple and noise. output characteristics parameter conditions typ. max. units voltage set point accuracy(with external input/outp ut capacitors) all tp2l05/12 input voltage types 1 3 % voltage set point accuracy(with external input/outp ut capacitors) all tp2l24/48 input voltage types 2 5 % line regulation (with external input/output capacit ors) all tp2l05/12 input types, low line to high line 0.06 0.5 % line regulation (with external input/output capacit ors) all tp2l24/48 input types, low line to high line 0.05 0.4 % load regulation (with external input/output capacit ors) all tp2l05/12 input types, minimum load to rated l oad 0.2 0.8 % load regulation (with external input/output capacit ors) all tp2l24/48 input types, minimum load to rated lo ad 0.2 0.8 % shutdown power +vin nominal 2.8 mw isolation characteristics parameter conditions min. typ. max. units isolation test voltage tested for 1 second 1000 3000 vdc resistance viso = 1000vdc 1 g temper ature characteristics parameter conditions min. typ. max. units operation -40 85 storage -50 130 cooling free air convection absolute maximum ratings short-circuit protection continuous lead temperature 1.5mm from case for 10 seconds 300 control pin input current 15ma input voltage 05 10v input voltage 12 20v input voltage 24 40v input voltage 48 80v c in c out + v in -v in + v out -v out tp2l s upply+ v in supp ly-v in
tp2l s eries www.gztoppower.com tel:0086-2082019000 e mail:sales2@gztoppower.com page 3 / 3 weight: 5.0g all dimensions in mm0.25mm. all pins on a 2.54mm p itch and within0.25mm of true position. mechanical dimensions pin connections pin function 1 -vin 2 +vin 3 ctrl 5 * ic 6 +vout 7 -vout 8 cs recommended footprint details tube outline dimensions soldering information temperature derating graphs this series is compatible with rohs soldering syste ms with a peak wave solder temperature of 300 for 10 seconds. the series is backward compatible with sn/pb soldering systems. * this pin must have no external connection . unless otherwise stated all dimensions in mm 0.5mm . all dimensions in mm 0.5mm. tube length : 20mm 2mm . tube quantity:15 0 .6 0 0 .1 5 1 . 5 0 5 .2 0 5 .0 0 6 .0 0 1 4 .2 0 9 8 7 6 5 4.5 0 0.5 1.0 1.5 2.0 2.5 1.75 isolation voltage(v) output power(w) 7 1.00 1.15 2.54 2.54 7holes 0.30 0.20 3.20 0.55 0.45 11.10 9.20 tp2l1212s yyww 4.60 3.60 2.54 0.55 0.45 2.010.50 21.80 1 2 3 5 6 7 8 bottom view toppower


▲Up To Search▲   

 
Price & Availability of TP2L1209S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X